Part Number Hot Search : 
AN859 HER152 USF520 D1707 GL2506 80C03 1206R LL101A10
Product Description
Full Text Search
 

To Download T-10164G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Turns Ratio ( + 5% )
1CT:2CT & 1:1.36CT
T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
Flammability: Materials used in the production of these units meet requirements of UL94-VO and IEC 695-2-2 needle flame test.
PARAMETER OCL (Primary)
MIN. 1.2
MAX.
UNITS mH H pF
Leakage Inductance Capacitance (CW/W)
0.9 & 0.8 50
1500 VRMS Isolation (Hi-Pot)
Primary DC Resistance Secondary DC Resistance
1.0 1.7 & 1.2
ohms ohms
Parts shipped in anti-static tubes. 21 pieces per tube
ET Product
10
VS
Tape and Reel available
Primary Pins 14-12 & 5-7
PHYSICAL DIMENSIONS All dimensions in inches (mm):
.820 (20.83) MAX. .410 (10.41) MAX.
.260 (6.60) .300 MAX. (7.62) .010 MAX. (0.25) TYP. .040 (1.02) TYP. .510 (12.95) .480 (12.19)
.020 (0.51) TYP.
.100 (2.54) TYP.
SCHEMATIC DIAGRAM:
14
Unused pins not provided
13
12
10
9
8
RHOMBUS P/N: T-10164G
1 2 3 5
7
CUST P/N: DATE: 2/23/98
NAME: SHEET:
1 OF 1
Rhombus Industries Inc.
Transformers & Magnetic Products
15801 Chemical Lane, Huntington Beach, CA 92649 Phone: (714) 898-0960 FAX: (714) 896-0971 www.rhombus-ind.com


▲Up To Search▲   

 
Price & Availability of T-10164G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X